Part Number Hot Search : 
STN83003 120N6 C78L05 SC34063 LR024 1N493 2SC53 70475
Product Description
Full Text Search
 

To Download FKP033204000VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  80 11.08 d snubber fkp capacitors for high pulse applications with metal foil electrodes, schoopage contacts and self-healing internal series connection special features electrical data ? high pulse duty ? self-healing ? particularly reliable contact- configurations: 4-lead versions and screwable plate connections ? internal series connection ? very low dissipation factor ? negative capacitance change versus temperature ? according to rohs 2002/95/ec typical applications for high pulse and high frequency applications requiring extremely reliable contacts e.g. ? igbt-applications construction dielectric: polypropylene (pp) film capacitor electrodes: aluminium foil and single-sided metallized plastic film internal construction: plastic film metal foil electrode v acuum- deposited electrod e metal contact layer (schoopage) t erminating plate encapsulation: solvent-resistant, flame-retardant plastic case with epoxy resin seal, ul 94 v-0 terminations: tinned wire or plates. marking: colour: red. marking: black. epoxy resin seal: red capacitance range: 0.01 m f to 2.2 m f rated voltages: 630 vdc, 1000 vdc, 1600 vdc, 2000 vdc, 3000 vdc, 4000 vdc capacitance tolerances: 20%, 10%, 5% (other tolerances are available subject to special enquiry) operating temperature range: C55 ) c to +100 ) c climatic test category: 55/100/56 in accordance with iec insulation resistance at +20 + c: c t 0.33 m f: ? 1 x 10 5 m ? (mean value: 5 x 10 5 m ? ) c ? 0.33 m f: ? 30 000 sec ( m ? x m f) (mean value: 100 000 sec) measuring voltage: 100 v/1 min. test voltage: l p 41.5: 1.6 u r , 2 sec l ? 41.5: 1.4 u r , 2 sec l ? 56 : 1.2 u r , 2 sec dissipation factors at + 20 ) c: tan d at f c t 0.1 m f 0.1 m f < c t 1.0 m f c > 1.0 m f 1 khz t 3 x 10 -4 t 3 x 10 -4 t 3 x 10 -4 10 khz t 4 x 10 -4 t 6 x 10 -4 C 100 khz t 15 x 10 -4 C C maximum pulse rise time: capacitance max. pulse rise time v/ m sec at t a < 40 ) c m f 630 vdc 1000 vdc 1600 vdc 2000 vdc 3000 vdc 4000 vdc 0.01 ... 0.022 C 11000 11000 11000 11000 11000 0.033 ... 0.068 9000 9000 9000 9000 9000 9000 0.1 ... 0.22 9000 9000 9000 9000 9000 9000 0.33 ... 0.68 5000 5000 5000 5000 5000 5000 1.0 ... 2.2 1600 2000 C C C C for pulses equal to the rated voltage voltage derating: a voltage derating factor of 1.35 % per k must be applied from +85 + c for dc voltages and from +75 + c for ac voltages reliability: operational life ? 300 000 hours failure rate p 1 fit (0.5 x u r and 40 ) c) specific dissipation: box size* specific dissipation in watts per k w x h x l in mm above the ambient temperature 19 x 31 x 56 0.068 23 x 34 x 56 0.079 27 x 37.5 x 56 0.092 33 x 48 x 56 0.122 37 x 54 x 56 0.142 * other box sizes see page 12. wima snubber fkp mounting recommendation excessive mechanical strain, e.g. pressure or shock onto the capacitor body, is to be avoided during mounting and usage of the capacitors. when fixing the plates the screw torque is to be limited to max. 5 nm. packing transportation-safe packing in cardboard boxes. for further details and graphs please refer to technical information.
81 continuation general data d wima snubber fkp capac- itance 630 vdc/400 vac * 1000 vdc/600 vac * 1600 vdc/650 vac * 2000 vdc/700 vac * 3000 vdc/700 vac * 4000 vdc/700 vac * w h l w h l w h l w h l w h l w h l 0.01 m f 7 16.5 26.5 10.5 20.5 26.5 11 21 26.5 11 21 31.5 0.015 ? 8.5 18.5 26.5 11 21 26.5 11 21 31.5 11 22 41.5 0.022 ? 7 16.5 26.5 10.5 20.5 26.5 11 21 31.5 13 24 31.5 13 24 41.5 11 22 41.5 0.033 ? 8.5 18.5 26.5 11 21 31.5 13 24 41.5 13 24 41.5 15 26 41.5 0.047 ? 7 16.5 26.5 10.5 20.5 26.5 11 22 41.5 15 26 41.5 15 26 41.5 17 29 41.5 0.068 ? 8.5 18.5 26.5 11 21 31.5 15 26 41.5 17 29 41.5 17 29 41.5 19 32 41.5 0.1 m f 10.5 20.5 26.5 11 22 41.5 17 29 41.5 17 29 41.5 19 32 41.5 20 39.5 41.5 0.15 ? 11 21 26.5 15 26 41.5 19 32 41.5 20 39.5 41.5 20 39.5 41.5 24 45.5 41.5 0.22 ? 13 24 31.5 17 29 41.5 20 39.5 41.5 24 45.5 41.5 24 45.5 41.5 27 37.5 56 0.33 ? 15 26 31.5 19 32 41.5 24 45.5 41.5 27 37.5 56 27 37.5 56 33 48 56 0.47 ? 17 29 41.5 20 39.5 41.5 27 37.5 56 27 37.5 56 33 48 56 0.68 ? 19 32 41.5 23 34 56 27 37.5 56 1.0 m f 20 39.5 41.5 27 37.5 56 1.5 ? 24 45.5 41.5 2.2 ? 27 37.5 56 * ac voltage: f t 1000 hz; 1.4 x u rms + udc t u r on ordering please state the required version and box size . versions and dimensional drawings see page 82. dims in mm. ionisation inception level in isolated cases may be lower than admissible rated ac voltage . rights reserved to amend design data without prior notification . permissible ac voltage in relation to frequency at 10 ) c internal temperature rise (general guide) . 630 vdc f hz 10 2 5 10 2 5 10 2 5 10 3 4 5 6 5 2 10 5 2 10 400 2 1 u v rms 0. 1 f 0.22 f 0.33 f 0.47 f 0.68 f 1. 0 f 1.5 f/2. 2 f 0.047 f 0.01 f 0.22 f 0.68 f 0.15 f 0.33 f/0.47 f 0.047 f 0.022 f 0. 1 f 1600 vdc f hz 10 2 5 10 2 5 10 2 5 10 3 4 5 6 5 2 10 5 2 10 65 0 2 1 u v rms 0.01 f 0.22 f 0.47 f 0.15 f 0.33 f 0.047 f 0.022 f 0. 1 f 3000 vdc f hz 10 2 5 10 2 5 10 2 5 10 3 4 5 6 5 2 10 5 2 10 700 2 1 u v rms 0.022 f 0.47 f/0.6 8 f 0.22 f 0.33 f 0.047 f 0. 1 f 1. 0 f 1000 vdc f hz 10 2 5 10 2 5 10 2 5 10 3 4 5 6 5 2 10 5 2 10 600 2 1 u v rms 0.01 f 0.22 f 0.47 f 0.15 f 0.33 f 0.047 f 0.022 f 0. 1 f 2000 vdc f hz 10 2 5 10 2 5 10 2 5 10 3 4 5 6 5 2 10 5 2 10 700 2 1 u v rms 0.01 f 0.22 f 0.15 f 0.33 f 0.047 f 0.022 f 0. 1 f 4000 vdc f hz 10 2 5 10 2 5 10 2 5 10 3 4 5 6 5 2 10 5 2 10 700 2 1 u v rms 11.08
82 11.08 d versions of wima snubber- and dc-link mkp 4 capacitors
83 d versions of wima snubber and dc-link mkp 4 capacitors 11.08
84 11.08 d dims. in mm. additional special versions can be realized. please contact us with your specific needs. versions of wima snubber- and dc-link mkp 4 capacitors
11.08 85 d * on request possible connecting respective plate versions - depending on box size. versions of wima snubber and dc-link mkp 4 capacitors


▲Up To Search▲   

 
Price & Availability of FKP033204000VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X